PART |
Description |
Maker |
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
L1SS400CST5G |
High speed switching Extremely small surface mounting type.
|
Leshan Radio Company
|
RB501V-40 |
Diodes > Schottky Barrier Diodes > Surface mounting small signal type
|
ROHM[Rohm]
|
HNC1-2.5P-12DSL HNC2-2.5P-10DS HNC2-2.5P-10DSL HNC |
2.5mm Pitch Connector for Discrete Wire Connection 2.5毫米间距连接线连接离 RESISTOR 2.4 OHM .5W CARB COMP 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Tape And Reel 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape INDUCTOR 2525CZ 0.47 UH 20% LOW PROFILE HIGH CURRENT Inductor; Inductor Type:High Frequency; Inductance:2.2uH; Inductance Tolerance: 20 %; Current Rating:8A; Series:IHLP-2525CZ; Package/Case:PCB Surface Mount; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
NVF4-1A NVF4-1U NVF4-2A NVF4-2U NVF4-2C NVF4-1C |
PC board mounting and direct insert mounting available Small size and light weight
|
HuaXinAn Electronics CO...
|
ISOC0128 |
miniature chip type designed for two-way surface mounting
|
IDEA.lnc.
|
RM-06-R RM-03-T-R RMR-03-T-R RM-10-T RM-03-R RM-06 |
SURFACE MOUNTING TYPE DIP SWITCH 表面贴装型拨动开
|
DB Lectro Inc. DB Lectro, Inc.
|
JRGC0158 |
miniature chip type designed for surface mounting
|
IDEA.lnc.
|
JEGC0678 |
miniature chip type designed for surface mounting
|
IDEA.lnc.
|
JEGC0158 |
miniature chip type designed for surface mounting
|
IDEA.lnc.
|
IUGC0428 |
miniature lens type designed for surface mounting
|
IDEA.lnc.
|
JGC0175 |
miniature lens type designed for surface mounting
|
IDEA.lnc.
|